Part Number Hot Search : 
DTA11 AT93C46 ADN4612 028AEE 2SB1386 ULN2013 MPC82 8830N
Product Description
Full Text Search
 

To Download UR233 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UTC UR233
LINEAR INTEGRATED CIRCUIT
1
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
1
DESCRIPTION
The UTC UR233 is a LOW DROP Voltage Regulator able to provide up to 0.8A of Output Current, available even in adjustable version (Vref=1.25V). Concerning fixed versions, are offered the following Output Voltages: 1.8V, 2.5V, 2.85V, 3.0V, 3.3V and 5.0V. The device is supplied in: SOT-223, SOT-89,TO-252, TO-263, TO-263-3, SOP-8 and TO-220. The SOT-223,SOT-89,SOP-8,TO-263,TO-263-3 and TO-252 surface mount packages optimize the thermal characteristics even offering a relevant space saving effect. High efficiency is assured by NPN pass transistor. In fact in the case, unlike than PNP one, the Quiescent Current flows mostly into the load. Only a very common 10F minimum capacitor is needed for stability. On chip trimming allows the regulator to reach a very tight output voltage tolerance, within 1% at 25C. The ADJUSTABLE UR233 is pin to pin compatible with the other standard Adjustable voltage regulators maintaining the better performances in terms of Drop and Tolerance.
SOT-223
SOT-89
SOP-8
1 1
TO-220
TO-252
1
1
TO-263
SOP-8 1: GND; 4: Vin;
TO-263-3
2,3,6,7: Vout; 5,8: NC
*Pb-free plating product number: UR233L
FEATURES
*Low dropout voltage (1V Typ.) *Output current up to 0.8A *Fixed output voltage of: 1.8V,2.5V, 2,85V, 3.0V, 3.3V, 5.0V *Adjustable version availability (Vref=1.25V) *Internal current and thermal limit *Available in 1%(at 25C) and 2% in all temperature range *Supply voltage rejection: 75dB (TYP) *Temperature range: 0C to 125C
UTC
UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R102-011,C
UTC UR233
MARKING INFORMATION
PACKAGE CODE 18:1.8V 25:2.5V SOT-223 28:2.85V 30:3.0V 33:3.3V 50:5.0V AD:ADJ D A B SOT-89 C D TO-220 TO-252 TO-263 TO-263-3 B C D A B C A
LINEAR INTEGRATED CIRCUIT
PIN 2 PIN 3 MARKING
VOLTAGE PIN CODE PIN 1
GND OUT GND IN GND OUT GND IN GND OUT GND IN
OUT GND IN GND OUT GND IN GND OUT GND IN GND
IN IN OUT OUT IN IN OUT
DATE CODE
VOLTAGE CODE
UR233
PIN CODE DATE CODE
1
2
3
VOLTAGE CODE PIN CODE
UR233 1 2 3
OUT IN IN OUT OUT
VOLTAGE CODE
UTC UR233
PIN CODE DATE CODE
1
2
3
BLOCK DIAGRAM
UTC
UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R102-011,C
UTC UR233
PARAMETER
LINEAR INTEGRATED CIRCUIT
SYMBOL VALUE UNIT
ABSOLUTE MAXIMUM RATINGS
DC Input Voltage VIN 12 V Power Dissipation Ptot 12 W Storage temperature Tstg -65 ~ +150 C Operating Junction Top 0 ~ +125 C Temperature Note: Absolute Maximum Ratings are those value beyond which damage to the device may occur. Functional operation under there condition is not implied. Over the above suggested Max Power Dissipation a Short Circuit could definitively damage the device.
THERMAL DATA
PARAMETER
Thermal Resistance Junction-case SOT-223 SOP-8 TO-252 TO-220 TO-263 Thermal Resistance Junction-ambient TO-220
SYMBOL
Rth-case
VALUE
15 20 8 3 3
UNIT
C/W C/W C/W C/W C/W C/W
Rthj-amb 50
UTC UR233-1.8 ELECTRICAL CHARACTERISTICS
(refer to the test circuits, Tj=0 to 125C, Co=10F unless otherwise specified)
PARAMETER
Output Voltage Output Voltage Line Regulation Load Regulation Temperature stability Long Term Stability Operating Input Voltage Quiescent Current Output Current Output Noise Voltage Supply Voltage Rejection Dropout Voltage Thermal Regulation
SYMBOL
Vo Vo Vo Vo Vo Vo Vin Id Io eN SVR Vd
TEST CONDITIONS
Vin=3.8V, Io=10mA, Tj=25C Io=2 to 800mA, Vin=3.2 to 10V Vin=3.2 to 10V, Io=2mA Vin=3.2V, Io=2 to 800/mA 1000 hrs, Tj=125C Io=100mA Vin10V Vin=6.8V, Tj=25C B=10Hz to 10KHz, Tj=25C Io=40mA, f=120Hz, Tj=25C, Vin=4.8V, Vripple=1Vpp Ta=25C, 30ms Pulse
MIN.
1.782 1.764
TYP.
1.800 1 1 0.5 0.3 5 950 100 75
MAX.
1.818 1.836 6 10
UNIT
V V mV mV % % V mA mA V dB V %/W
800 60
12 10 1200
0.01
1.50 0.10
UTC UR233 ELECTRICAL CHARACTERISTICS
(refer to the test circuits, Tj=0 to 125C, Co=10F unless otherwise specified)
PARAMETER
Output Voltage Output Voltage Line Regulation Load Regulation Temperature stability
SYMBOL
Vo Vo Vo Vo Vo
TEST CONDITIONS
Vin=4.5V, Io=10mA, Tj=25C Io=2 to 800mA, Vin=3.9 to 10V Vin=3.9 to 10V, Io=2mA Vin=3.9V, Io=2 to 800mA 1% 2% 2% 4%
MIN.
2.475 2.450 2.450 2.400
TYP.
2.500 2.500
MAX.
2.525 2.550 2.550 2.600 6 10
UNIT
V V V V mV mV %
1 1 0.5
UTC
UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R102-011,C
UTC UR233
PARAMETER
Long Term Stability Operating Input Voltage Quiescent Current Output Current Output Noise Voltage Supply Voltage Rejection Dropout Voltage Thermal Regulation Vo Vin Id Io eN SVR Vd
LINEAR INTEGRATED CIRCUIT
SYMBOL TEST CONDITIONS
1000 hrs, Tj=125C Io=100mA Vin10V Vin=7.5V, Tj=25C B=10Hz to 10KHz, Tj=25C Io=40mA, f=120Hz, Tj=25C, Vin=5.5V, Vripple=1Vpp Ta=25C, 30ms Pulse
MIN.
TYP.
0.3 5 950 100 75
MAX.
12 10 1200
UNIT
% V mA mA V dB V %/W
800 60
0.01
1.50 0.10
UTC UR233-2.85 ELECTRICAL CHARACTERISTICS
(refer to the test circuits, Tj=0 to 125C, Co=10F unless otherwise specified)
PARAMETER
Output Voltage Output Voltage Line Regulation Load Regulation Temperature stability Long Term Stability Operating Input Voltage Quiescent Current Output Current Output Noise Voltage Supply Voltage Rejection Dropout Voltage Thermal Regulation
SYMBOL
Vo Vo Vo Vo Vo Vo Vin Id Io eN SVR Vd
TEST CONDITIONS
Vin=4.85V, Io=10mA, Tj=25C Io=2 to 800mA,Vin=4.25 to 10V Vin=4.25 to 10V, Io=2mA Vin=4.25V, Io=2 to 800mA 1000 hrs, Tj=125C Io=100mA Vin10V Vin=7.85V, Tj=25C B=10Hz to 10KHz, Tj=25C Io=40mA, f=120Hz, Tj=25C, Vin=5.85V, Vripple=1Vpp Ta=25C, 30ms Pulse
MIN.
2.82 2.79
TYP.
2.85 1 1 0.5 0.3 5 950 100 75
MAX.
2.88 2.91 6 10
UNIT
V V mV mV % % V mA mA V DB V %/W
800 60
12 10 1200
0.01
1.50 0.10
UTC UR233-3.0 ELECTRICAL CHARACTERISTICS
(refer to the test circuits, Tj=0 to 125C, Co=10F unless otherwise specified)
PARAMETER
Output Voltage Output Voltage Line Regulation Load Regulation Temperature stability Long Term Stability Operating Input Voltage Quiescent Current Output Current Output Noise Voltage Supply Voltage Rejection Dropout Voltage Thermal Regulation
SYMBOL
Vo Vo Vo Vo Vo Vo Vin Id Io eN SVR Vd
TEST CONDITIONS
Vin=5V, Io=10mA, Tj=25C Io=2 to 800 mA Vin=4.5 to 10V Vin=4.5 to 12V, Io=2mA Vin=4.5V, Io=2 to 800mA 1000 hrs, Tj=125C Io=100mA Vin12V Vin=8V, Tj=25C B=10Hz to 10KHz, Tj=25C Io=40mA, f=120Hz, Tj=25C, Vin=6V, Vripple=1Vpp Ta=25C, 30ms Pulse 1% 2% 2% 4%
MIN.
2.97 2.94 2.94 2.88
TYP.
3.00 3.00
MAX.
3.03 3.06 3.06 3.12 6 10
UNIT
V V V V mV mV % % V mA mA V dB V %/W
1 1 0.5 0.3 5 950 100 75
800 60
12 10 1200
0.01
1.50 0.10
UTC
UNISONIC TECHNOLOGIES CO., LTD.
4
QW-R102-011,C
UTC UR233
PARAMETER
Output Voltage Output Voltage Line Regulation Load Regulation Temperature stability Long Term Stability Operating Input Voltage Quiescent Current Output Current Output Noise Voltage Supply Voltage Rejection Dropout Voltage Thermal Regulation Vo Vo Vo Vo Vo Vo Vin Id Io eN SVR Vd
LINEAR INTEGRATED CIRCUIT
SYMBOL TEST CONDITIONS
Vin=5.3V, Io=10mA, Tj=25C Io=2 to 800mA, Vin=4.75 to 10V Vin=4.75 to 12V, Io=2mA Vin=4.75V, Io=2 to 800mA 1000 hrs, Tj=125C Io=100mA Vin12V Vin=8.3V, Tj=25C B=10Hz to 10KHz, Tj=25C Io=40mA, f=120Hz, Tj=25C, Vin=6.3V, Vripple=1Vpp Ta=25C, 30ms Pulse 1% 2% 2% 4%
UTC UR233-3.3 ELECTRICAL CHARACTERISTICS
(refer to the test circuits, Tj=0 to 125C, Co=10F unless otherwise specified)
MIN.
3.267 3.235 3.235 3.160
TYP.
3.300 3.300
MAX.
3.333 3.365 3.365 3.440 6 10
UNIT
V V V V mV mV % % V mA mA V DB V %/W
1 1 0.5 0.3 5 950 100 75
800 60
12 10 1200
0.01
1.50 0.10
UTC UR233-5.0 ELECTRICAL CHARACTERISTICS
(refer to the test circuits, Tj=0 to 125C, Co=10F unless otherwise specified)
PARAMETER
Output Voltage Output Voltage Line Regulation Load Regulation Temperature stability Long Term Stability Operating Input Voltage Quiescent Current Output Current Output Noise Voltage Supply Voltage Rejection Dropout Voltage Thermal Regulation
SYMBOL
Vo Vo Vo Vo Vo Vo Vin Id Io eN SVR Vd
TEST CONDITIONS
Vin=7V, Io=10mA, Tj=25C Io=2 to 800mA, Vin=6.5 to 12V Vin=6.5 to 12V, Io=2mA Vin=6.5V, Io=2 to 800mA 1000 hrs, Tj=125C Io=100mA Vin12V Vin=10V, Tj=25C B=10Hz to 10KHz, Tj=25C Io=40mA, f=120Hz, Tj=25C, Vin=8V, Vripple=1Vpp Ta=25C, 30ms Pulse 1% 2% 2% 4%
MIN.
4.95 4.90 4.90 4.80
TYP.
5.00 5.00
MAX.
5.05 5.10 5.10 5.20 10 15
UNIT
V V V V mV mV % % V mA mA V dB V %/W
1 1 0.5 0.3 5 950 100 75
800 60
12 10 1200
0.01
1.50 0.10
UTC
UNISONIC TECHNOLOGIES CO., LTD.
5
QW-R102-011,C
UTC UR233
PARAMETER
Reference Voltage Reference Voltage Line Regulation Load Regulation Temperature stability Long Term Stability Operating Input Voltage Adjustment Pin Current Adjustment Pin Current Change Minimum Load Current Output Current Output Noise (%Vo) Supply Voltage Rejection Dropout Voltage Thermal Regulation
LINEAR INTEGRATED CIRCUIT
SYMBOL
Vref Vref Vo Vo Vo Vo Vin Iadj Iadj Io(min) Io eN SVR Vd Ta=25C, 30ms Pulse 0.01
UTC UR233-ADJUSTABLE ELECTRICAL CHARACTERISTICS
(refer to the test circuits, Tj=0 to 125C, Co=10F unless otherwise specified)
TEST CONDITIONS
Vin-VO=2V, Io=10mA, Tj=25C Io=10 to 800mA, Vin-Vo=1.5 to 10V Vin-Vo=1.5 to 13.75V, Io=10mA Vin-Vo=3V, Io=10 to 800mA 1000 hrs, Tj=125C Vin12V Vin-Vo=1.5 to 10V, Io=10 to 800/mA Vin=12V Vin-Vo=5V, Tj=25C B=10Hz to 10KHz, Tj=25C Io=40mA, f=120Hz, Tj=25C, Vin-Vo=3V, Vripple=1Vpp
MIN.
1.238 1.225
TYP.
1.25 0.035 0.10 0.50 0.3 60 1 2 950 0.003 75
MAX.
1.262 1.275 0.200 0.400
UNIT
V V % % % % V A A mA mA % dB V %/W
12 120 5 5 1200
800 60
1.50 0.10
UTC
UNISONIC TECHNOLOGIES CO., LTD.
6
QW-R102-011,C
UTC UR233
APPLICATION CIRCUIT FIXED VOLTAGE
LINEAR INTEGRATED CIRCUIT
VIN
+
100nF
UTC UR233
VOUT
+
10uF
ADJUSTABLE
VIN
VIN
+
10uF
UTC UR233
VOUT
VOUT
+
ADJ VREF IADJ R2 R1 10uF
VOUT=VREF(1+R2/R1)+IADJ*R2
UTC
UNISONIC TECHNOLOGIES CO., LTD.
7
QW-R102-011,C
UTC UR233
LINEAR INTEGRATED CIRCUIT
TYPICAL CHARACTERISTICS
Fig.1 Reference Voltge vs. Temperature
1.250 1.245 1.240 3.70 3.65 3.60
Fig.2 Output Voltage vs. Temperautre
VOUT SET WITH 1% RESISTORS
reference voltage (V)
Output Voltage(V)
1.235 1.230 1.225 1.220 1.215 1.210 1.205 1.200 -75 -50 -25
3.55 3.50 3.45 3.40 3.35
Vout=3.6V
Vout=3.3V
3.30 3.25 3.20
0
25
50
75 100 125 150 175
-75
-50 -25
0
25
50 75
100 125 150 175
Junction Temperature( C)
Junction Temperature( C)
Fig.3 Maximum Power Dissipation
10
8
TO-263 & TO-252 Power (W)
6
4
SOT-223
2
0 25 45 65 85 105 125
Case Temperature( C)
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UTC
UNISONIC TECHNOLOGIES CO., LTD.
8
QW-R102-011,C


▲Up To Search▲   

 
Price & Availability of UR233

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X